Part Number Hot Search : 
BU250 CTCDRH SMCJ58A 12H13 CS120 7208Q HFBR1524 CLL4110
Product Description
Full Text Search
 

To Download DNT2400C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page1of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10 dnt2400 rating value units all input/output pins -0.5 to +3.3 v non-operating ambient temperature range -40 to +85 o c dnt2400 absolute maximum ratings dnt2400 electrical characteristics characteristic sym notes minimum typical maximum units operating frequency range 2409.3 2467.1 mhz hop dwell time 5 200 ms number of frequency hopping subbands 9 number of rf channels in a subband 15 37 modulation fsk/msk rf data transmission rates 38.4, 115.2, 200 and 500 kb/s receiver sensitivity: 10 -5 ber @ 38.4 kb/s -104 dbm 10 -5 ber @ 200 kb/s -96 dbm 10 -5 ber @ 500 kb/s -90 dbm transmitter rf output power levels 1, 10, 63 mw optimum antenna impedance 50  rf connection u.fl coaxial connector network topologies point-to-point, point-to-multipoint, peer-to-peer, tree-routing access schemes csma and tdma low cost 2.4 ghz fhss transceiver module with i/o the dnt2400 fhss transceiver module is a low cost, high-power solution for robust wireless data communications in the 2.4 ghz ism band. the dnt2400 rf output power can be set from 1 to 63 mw, and the rf data rate can be set from 38.4 to 500 kb/s. the dnt2400 module includes analog, digital and serial i/o, providing the flexibility and ver - satility to serve applications ranging from cable replacements to sensor networks. the dnt2400 transceiver module is easy to integrate and provides reliable wireless commu - nications up to 10 miles in line-of-sight installations. development kit (info click here )  2.4 ghz frequency hopping spread spectrum transceiver  point-to-point, point-to-multipoint, peer-to-peer and tree-routing networks  transmitter power configurable from 1 to 63 mw  rf data rate configurable from 38.4 to 500 kb/s  serial port rate up to 460.8 kb/s for streaming applications  128-bit aes encryption  separate serial port for diagnostics  analog and digital i/o for sensor applications  i/o auto-reporting and sleep mode functions  pin-for-pin compatible with dnt900  fcc, canadian ic and etsi certified for unlicensed operation
notes: 1. pwm is set with an 8-bit value. dac resolution is limited to 7 bits by residual ripple at output of low-pass filter. 2. maximum sleep current occurs at +85 o c. www.rfm.com e-mail: info@rfm.com page2of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10 characteristic sym notes minimum typical maximum units number of network nodes: tdma mode 16 csma mode unlimited adc input range 0 3.3 v adc input resolution 10 bits adc sample rate 10 ms signal source impedance for adc reading 10 k  pwm (dac) output range 0 3.3 v pwm (dac) output resolution 1 8 bits pwm output period 20 s primary and diagnostic serial port baud rates 1.2, 2.4, 4.8, 9.6, 19.2, 28.8, 38.4, 57.6, 76.8, 115.2, 230.4, 460.8 kb/s serial peripheral interface data rate 6.35 80.64 kb/s digital i/o: logic low input level -0.5 0.8 v logic high input level 2 3.3 v logic input internal pull-up resistor 50 200 k  power supply voltage range v cc +3.3 +5.5 vdc power supply voltage ripple 10 mv p-p peak transmit mode current, 63 mw output 300 ma average operating receive current: base 105 ma remote, no data transmission 35 ma remote, 9.6 kb/s continuous data stream 40 ma remote, 115.2 kb/s continuous data stream 53 ma sleep current 2 50 225 a DNT2400C mounting reflow soldering dnt2400p mounting socket operating temperature range -40 85 o c operating relative humidity range, non-condensing 10 90 % dnt2400 electrical characteristics caution: electrostatic sensitive device. observe precautions when handling.
dnt2400 hardware the major components of the dnt2400 include a 2.4 ghz fhss transceiver and a low current 32-bit microcontroller. the dnt2400 operates in the 2.4 ghz ism band. the module includes nine frequency subbands and 37 total fre - quency channels to support the various 2.4 ghz frequency allocations used throughout the world. the dnt2400 has three selectable rf output power levels: 1, 10, and 63 mw. also, there are four selectable rf transmission rates: 38.4, 115.2, 200 and 500 kb/s. the dnt2400 includes a low-noise receiver preamplifier and a high efficiency transmitter amplifier, providing excel - lent range in outdoor applications. the dnt2400 provides a variety of hardware interfaces. there are two serial ports plus one spi port. either the pri - mary serial port or the spi port can be selected for data communications. the second serial port is dedicated to di - agnostics. the primary and diagnostic serial ports support standard rates from 1.2 to 460.8 kb/s. the spi port sup - ports data rates from 6.35 to 80.64 kb/s. also included are three 10-bit adc inputs, two 8-bit pwm outputs, and six general-purpose digital i/o ports. four of the digital i/o ports support an optional interrupt-from-sleep mode when configured as inputs. the radio is available in two mounting configurations. the DNT2400C is designed for solder reflow mounting, and the dnt2400p is designed for plug-in connector mounting. dnt2400 firmware the dnt2400 firmware can operate using either tdma or csma channel access modes. tdma supports up to 16 remotes with rapid, deterministic channel latency. csma provides carrier-sense managed channel access for an unlimited number of low-traffic remotes. dnt2400 firm - ware will operate ?out of the box? using point-to-point trans - parent serial mode, with point-to-multipoint, peer-to-peer and tree-routing network topologies also supported. dnt2400 firmware provides the user with a rich set of con - figuration options including a choice of hopping patterns, hopping dwell times, rf data rates, serial or spi data port operation, serial and spi data rate selection, rf output power selection, plus configurable analog and digital i/o lines. data integrity is protected by 24-bit error detection, with optional ack and automatic transmission retries or redundant transmissions. 128-bit aes encryption provides a high level of data security for sensitive applications. sen - sor networks can take advantage of timer or event-based data reporting and remote node sleep cycling for extended battery life. www.rfm.com e-mail: info@rfm.com page3of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10                  
                  
     

                                                        ! " 
! "   # ! $ %
# ! $ %  # ! $ %  # ! $ %  #      &    '   ( ) $ *    $ % #  + $ % , -  + $ % ,  - .  / * / . * *  % * $  $ * % .  .  ! "  !  /          
     
* $ * % ! )  /     0     0    ! ) , /  *  + ,  /   * * $ * ( / / ! +  +  +
/ - , * 1 $ + # , - $ + # ,  - .  # . 2 % * ,  * . 2 % * , * # ! $ %  # ! $ %  # + .  *   *   *    % * ( )  *    $ % figure 1
pin name i/o description 1 pkt_det o packet detect output. signal switches logic high at the end of the start-of-packet symbol and switches logic low at the end of the end-of-packet symbol on both received and transmitted packets. pkt_det provides a timing reference for external use in network timing evaluations, etc. 2 rsvd - reserved pin. leave unconnected. 3 adc_ref i adc supply and external full scale reference voltage input. voltage range is 2.4 to 3.3 vdc. connect pad 34 to this input to reference the adc full scale reading to the module?s 3.3 v regulated supply. 4 rsvd - reserved pin. leave unconnected. 5 gpio0 i/o configurable digital i/o port 0. when configured as an input, an internal pull-up resistor can be selected and interrupt from sleep can be invoked. when configured as an output, the power-on state is also configurable. 6 gpio1 i/o configurable digital i/o port 1. same configuration options as gpio0. 7 gpio2 i/o configurable digital i/o port 2. same configuration options as gpio0. 8 gpio3 i/o configurable digital i/o port 3. same configuration options as gpio0. 9 pwm0 o 8-bit pulse-width modulated output 0 with internal low-pass filter. filter is first-order, with a159 hz 3 db bandwidth. 10 pwm1 o 8-bit pulse-width modulated output 1 with internal low-pass filter. filter is first-order, with a 159 hz 3 db bandwidth. 11 sleep/dtr i active high module sleep input (active low dtr). when switched low after sleep, the module executes a power on-reset. usually connected to host dtr. connect to ground if sleep/dtr function not used. 12 adc2 i 10-bit adc input 0. full scale reading is referenced to the adc_ref input. 13 adc1 i 10-bit adc input 1. full scale reading is referenced to the adc_ref input. 14 adc0 i 10-bit adc input 2. full scale reading is referenced to the adc_ref input. 15 ex_sync i rising-edge triggered input for synchronizing co-located base stations. synchronization pulse interval must equal hop dwell time 10 s. pulse width must be in the range of 50 s to 2 ms. 16 diag_tx o diagnostic uart transmitter output. 17 diag_rx i diagnostic uart receiver input. 18 /cfg i protocol selection input. leave unconnected when using software commands to select transparent/protocol mode (default is transparent mode). logic low selects protocol mode, logic high selects transparent mode. 19 vcc i power supply input, +3.3 to +5.5 vdc. 20 gnd - power supply and signal ground. connect to the host circuit board ground. 21 gnd - power supply and signal ground. connect to the host circuit board ground. 22 gpio4 i/o configurable digital i/o port 4. when configured as an input, an internal pull-up resistor can be selected. when configured as an output, the power-on state is configurable. 23 gpio5 i/o configurable digital i/o port 5. same configuration options as gpio4. 24 gnd - logic ground. 25 act o data activity output, logic high when data is being transmitted or received. 26 /dcd o default functionality is data carrier detect output, logic low on a remote when the module is locked to fhss hopping pattern and logic low on a base station when at least one remote is connected to it. 27 rsvd - reserved pin. leave unconnected. 28 rsvd - reserved pin. leave unconnected. 29 rsvd - reserved pin. leave unconnected. www.rfm.com e-mail: info@rfm.com page4of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10 dnt2400 i/o descriptions
pin name i/o description 30 /host_rts i uart flow control input. the host sets this line low to allow data to flow from the dnt2400 on the radio_txd pin. when the host sets this line high, the dnt2400 will stop sending data to the host. 31 radio_txd o uart transmitter output. the dnt2400 sends serial data to the host on this pin. 32 radio_rxd i uart receiver input. the dnt2400 receives serial data from the host on this pin. 33 /host_cts o uart/spi flow control output. the dnt2400 sets this line low when it is ready to accept data from the host on the radio_rxd or mosi input. when the dnt2400 sets this line high, the host must stop sending data. 34 vmod o +3.3 v regulated supply. connect to pad 3 to support 3.3 v full scale and/or ratiometric adc readings, etc. current drain on this output should be no greater than 5 ma. 35 /ss i/o spi active low slave select. this pin is an output when the dnt2400 operating as a master, and an input when it is operating as a slave. 36 mosi i/o spi master out, slave in function. this pin is an output when the dnt2400 is operating as a master, and is an input when the dnt2400 is operating as a slave. 37 miso i/o spi master in, slave out function. this pin is an input when the dnt2400 is operating as a master, and is an output when the dnt2400 is operating as a slave. 38 sclk i/o spi clock signal. this pin is an output when operating as a master, and an input when operating as a slave. 39 /reset i active low module hardware reset. 40 rsvd - reserved pin. leave unconnected. www.rfm.com e-mail: info@rfm.com page5of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10  

 % 3         4    3           &    &     &    &        5  &    4  6   7  0

 6   0
 7  0  
6   0
 7
0  
6   0

7
0  
 6  0   7
0

6  0   7
0

6  0
 7
0 

 6  0   7  

0 

 6  0   7 figure 2
dnt2400 antenna connector a u.fl miniature coaxial connector is provided on both dnt2400 configurations for connection to the rfio port. a short u.fl coaxial cable can be used to connect the rfio port directly to an antenna. in this case the antenna should be mounted firmly to avoid stressing the u.fl coaxial cable due to antenna mounting flexure. alternately, a u.fl coaxial jumper cable can be used to connect the dnt2400 module to a u.fl connector on the host circuit board. the connection between the host circuit board u.fl connector and the antenna or antenna connector on the host circuit board should be implemented as a 50 ohm stripline. referring to figure 4, the width of this stripline depends on the thickness of the circuit board between the stripline and the groundplane. for fr-4 type circuit board materials (dielectric constant of 4.7), the width of the stripline is equal to 1.75 times the thickness of the cir - cuit board. note that other circuit board traces should be spaced away from the stripline to prevent signal cou - pling, as shown in figure 5. the stripline trace should be kept short to minimize its insertion loss. figure 5 www.rfm.com e-mail: info@rfm.com page6of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10
0  
6  0  7
0

6  0   7
0 

6  0   7  0  
6  0  7  

 !       8         &    &        5  &    4  6   7  
figure 3  8 8   #   3  4 !      8 8   *    8           9   !             3        4  *    8                    
  5     8  4      "  :   0    ;  2 figure 4 trace separation from 50 ohm microstrip length of trace run parallel to microstrip 100 mil 125 mil 150 mil 200 mil 200 mil 290 mil 250 mil 450 mil 300 mil 650 mil
www.rfm.com e-mail: info@rfm.com page7of7 ?2009-2010 by rf monolithics, inc. dnt2400 - 04/29/10  0
6   0   7  0

6 
0 
7
0 
6  0   7  

!  $     <             !   (  =  3       
0 
6  0   7         &       $  /          &      9  
(       > 3  '          &    &        5  &    4  6   7  0   6   0

7      3   8     4  !  5     4        
0

 6
0   7 figure 7 note: specifications subject to change without notice. part # m-2400-3000, rev c  

!  % 3         4    3           &    &     &    &        5  &    4  6   7  0

 6   0
 7
0     6  0   7
0

6  0
 7
0 

 6  0   7
0     6  0   7
0

6  0   7  0  
6   0   7  
 0  
6   0

7
0

6  0   7 figure 6


▲Up To Search▲   

 
Price & Availability of DNT2400C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X